PART |
Description |
Maker |
IRU1117-25CD IRUB1117-25 IRUB1117-25CD IRUB1117-25 |
800mA LOW DROPOUT POSITIVE FIXED 2.5V REGULATOR 800mA的低压差型正,固2.5V的稳压器 0.8A Fixed LDO Linear Regulator in a SOT-223 3-Leads package 0.8A Fixed LDO Linear Regulator in a ULTRA THIN-PAK 2-Leads package 0.8A Fixed LDO Linear Regulator in a TO-252 (D-PAK) 2-Leads package 0.8A Fixed LDO Linear Regulator in a SOIC 8-Lead package
|
International Rectifier, Corp.
|
IRUB1117-33CP IRU1117-33CD IRU1117-33CP IRU1117-33 |
0.8A Fixed LDO Linear Regulator in a SOT-223 3-Leads package 0.8A Fixed LDO Linear Regulator in a SOIC 8-Lead package 0.8A Fixed LDO Linear Regulator in a ULTRA THIN-PAK 2-Leads package 0.8A Fixed LDO Linear Regulator in a TO-252 (D-PAK) 2-Leads package 800mA LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR
|
IRF[International Rectifier]
|
IRU1206 IRU1206-18 IRU1206-18CD IRU1206-18CY IRU12 |
1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS 1A非常低压差正,固定和可调调节 (IRU1206 - IRU1209) 1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS 1A Fixed LDO Linear Regulator in a TO-252 (D-PAK) 2-Leads package 1A Fixed LDO Linear Regulator in a SOT-223 3-Leads package 1A Fixed LDO Linear Regulator in a SOIC 8-Lead package 1A Adj LDO Linear Regulator in a SOIC 8-Lead package
|
International Rectifier, Corp. IRF[International Rectifier]
|
KIA378R020FP/PI KIA378R015FP KIA378R015FP/PI KIA37 |
BIPOLAR LINEAR INTEGRATED CIRCUIT 2 V FIXED POSITIVE LDO REGULATOR, PSSO5 1.5 V FIXED POSITIVE LDO REGULATOR, PSSO5 1.8 V FIXED POSITIVE LDO REGULATOR, PSSO5 2.5 V FIXED POSITIVE LDO REGULATOR, SFM4 SEMICONDUCTOR
|
KEC(Korea Electronics)
|
FAN1084T FAN1084D FAN1084D33 FAN1084MC33 FAN1084T1 |
4.5A Adjustable/Fixed Low Dropout Linear Regulator 4.5A Adjustable Low Dropout Voltage Regulator (LDO) 4.5A Adjustable/Fixed Low Dropout Linear Regulator 1.5 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSFM3 4.5A Adjustable/Fixed Low Dropout Linear Regulator 1.5 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO2
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
MAX4833ETT28D1-T MAX4833ETT18D1-T MAX4832ETT25C-T |
100mA LDO Linear Regulators with Current-Limiting Switch 2.8 V FIXED POSITIVE LDO REGULATOR, 0.13 V DROPOUT, DSO6 100mA LDO Linear Regulators with Current-Limiting Switch 1.8 V FIXED POSITIVE LDO REGULATOR, 0.13 V DROPOUT, DSO6 100mA LDO Linear Regulators with Current-Limiting Switch 2.5 V FIXED POSITIVE LDO REGULATOR, 0.13 V DROPOUT, DSO6 2.8 V FIXED POSITIVE LDO REGULATOR, 0.13 V DROPOUT, PDSO6 3 V FIXED POSITIVE LDO REGULATOR, 0.13 V DROPOUT, PDSO6
|
Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
NCP4588DSQ10T1G NCP4588DSQ15T1G NCP4588DSQ25T1G NC |
200 mA, Output Capacitor Free, LDO Linear Voltage Regulator 1 V FIXED POSITIVE LDO REGULATOR, 0.92 V DROPOUT, PDSO6 1.20 X 1.20 MM, 0.40 MM PITCH, LEAD FREE, XDFN-6 1.5 V FIXED POSITIVE LDO REGULATOR, 0.76 V DROPOUT, PDSO5 LEAD FREE, SOT-353, SC-88A, SC-70, 5 PIN 1.5 V FIXED POSITIVE LDO REGULATOR, 0.76 V DROPOUT, PDSO6 1.20 X 1.20 MM, 0.40 MM PITCH, LEAD FREE, XDFN-6
|
ON Semiconductor
|
NCV4269D1R2 |
5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Sense Output 5 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO8
|
ON Semiconductor
|
S5J1118 |
1A Positive Low Dropout Fixed-Mode Regulato r With EN Function
|
SeCoS Halbleitertechnologie GmbH
|
S5M1119 |
0.5A Positive Low Dropout Fixed-Mode Regulato r With EN Function
|
SeCoS Halbleitertechnologie GmbH
|
ADP124ARHZ-2.7-R7 ADP124ARHZ-2.9-R7 ADP124ACPZ-1.8 |
5.5V INPUT, 500 MA, LOW QUIESCENT CURRENT, CMOS LINEAR REGULATOR W/31 FIXED-OUTPUT VOLTAGES No of Pins: 8 Temperature Range: Ind 2.7 V FIXED POSITIVE LDO REGULATOR, 0.23 V DROPOUT, PDSO8 5.5V INPUT, 500 MA, LOW QUIESCENT CURRENT, CMOS LINEAR REGULATOR W/31 FIXED-OUTPUT VOLTAGES No of Pins: 8 Temperature Range: Ind 2.9 V FIXED POSITIVE LDO REGULATOR, 0.23 V DROPOUT, PDSO8 1.8 V FIXED POSITIVE LDO REGULATOR, PDSO8 2 X 2 MM, ROHS COMPLIANT, LFCSP-8 5.5V INPUT, 500 MA, LOW QUIESCENT CURRENT, CMOS LINEAR REGULATOR W/31 FIXED-OUTPUT VOLTAGES No of Pins: 8 Temperature Range: Ind 3 V FIXED POSITIVE LDO REGULATOR, 0.23 V DROPOUT, PDSO8 3.3 V FIXED POSITIVE LDO REGULATOR, 0.23 V DROPOUT, PDSO8 2 X 2 MM, ROHS COMPLIANT, LFCSP-8 5.5V INPUT, 500 MA, LOW QUIESCENT CURRENT, CMOS LINEAR REGULATOR W/31 FIXED-OUTPUT VOLTAGES No of Pins: 8 Temperature Range: Ind 2.5 V FIXED POSITIVE LDO REGULATOR, 0.23 V DROPOUT, PDSO8 5.5V INPUT, 500 MA, LOW QUIESCENT CURRENT, CMOS LINEAR REGULATOR W/31 FIXED-OUTPUT VOLTAGES No of Pins: 8 Temperature Range: Ind 3.3 V FIXED POSITIVE LDO REGULATOR, 0.23 V DROPOUT, PDSO8 5.5V INPUT, 500 MA, LOW QUIESCENT CURRENT, CMOS LINEAR REGULATOR W/31 FIXED-OUTPUT VOLTAGES No of Pins: 8 Temperature Range: Ind 1.8 V FIXED POSITIVE LDO REGULATOR, PDSO8 2.8 V FIXED POSITIVE LDO REGULATOR, 0.23 V DROPOUT, PDSO8 2 X 2 MM, ROHS COMPLIANT, LFCSP-8 5.5V INPUT, 500 MA, LOW QUIESCENT CURRENT, CMOS LINEAR REGULATOR W/31 FIXED-OUTPUT VOLTAGES No of Pins: 8 Temperature Range: Ind 2.85 V FIXED POSITIVE LDO REGULATOR, 0.23 V DROPOUT, PDSO8 5.5V INPUT, 500 MA, LOW QUIESCENT CURRENT, CMOS LINEAR REGULATOR W/EXTERNAL VOLTAGE DIVIDER No of Pins: 8 Temperature Range: Ind 0.8 V-5 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.23 V DROPOUT, PDSO8
|
Analog Devices, Inc. ANALOG DEVICES INC
|
|